| Moteur de recherche de fiches techniques de composants électroniques |
|
4553 Fiches technique(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 Fiches technique(HTML) 89 Page - Renesas Technology Corp |
|
89 / 145 page ![]() Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Rev.3.02 Dec 22, 2006 page 89 of 142 REJ03B0024-0302 4553 Group SCP (Set Port C) 1010001101 28D 11 – – Grouping: Input/Output operation Description: Sets (1) to port C. Operation: (C) ← 1 MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) SB j (Set Bit) 00010111j j 0 5 11 – – Grouping: Bit operation Description: Sets (1) the contents of bit j (bit specified by the value j in the immediate field) of M(DP). Operation: (Mj(DP)) ← 1 j = 0 to 3 C +j SC (Set Carry flag) 0000000111 007 11 1 – Grouping: Arithmetic operation Description: Sets (1) to carry flag CY. Operation: (CY) ← 1 RUPT (Reset UPTF flag) 0001011000 05 8 11 – – Grouping: Other operation Description: Clears (0) to the high-order bit reference enable flag. Operation: (UPTF) ← 0 |