| Moteur de recherche de fiches techniques de composants électroniques |
|
4553 Fiches technique(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 Fiches technique(HTML) 46 Page - Renesas Technology Corp |
|
46 / 145 page ![]() Rev.3.02 Dec 22, 2006 page 46 of 142 REJ03B0024-0302 4553 Group Fig. 35 LCD controller/driver structure COM1 COM0 SEG16 VLC3 VLC1=VLC2 VSS VLC3 VLC1=VLC2 VSS 1 flame (2/F) 1/F ON OFF Voltage level (bit 0) COM0 COM1 SEG16 0 1 X X (bit 3) M (1, 2, 8) COM1 SEG16 COM0 SEG16 1 flame (3/F) 1/F ON OFF ON COM2 VLC3 VLC2 VLC1 VSS COM1 COM0 SEG16 VLC3 VLC2 VLC1 VSS Voltage level (bit 0) COM0 COM1 COM2 SEG16 1 0 1 X (bit 3) M (1, 2, 8) COM2 SEG16 COM1 SEG16 COM0 SEG16 1 flame (4/F) 1/F ON OFF COM3 COM2 COM1 COM0 SEG16 VLC3 VLC2 VLC1 VSS VLC3 VLC2 VLC1 VSS Voltage level (bit 0) COM0 COM1 COM2 COM3 SEG16 0 1 0 1 (bit 3) M (1, 2, 8) COM3 SEG16 COM2 SEG16 COM1 SEG16 COM0 SEG16 F : LCD clock frequency X: Set an arbitrary value. (These bits are not related to set the drive waveform at each duty.) ON OFF 1/2 Duty, 1/2 Bias: When writing (XX10)2 to address M (1, 2, 8) in RAM. 1/3 Duty, 1/3 Bias: When writing (X101)2 to address M (1, 2, 8) in RAM. 1/4 Duty, 1/3 Bias: When writing (1010)2 to address M (1, 2, 8) in RAM. |