| Moteur de recherche de fiches techniques de composants électroniques |
|
4553 Fiches technique(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 Fiches technique(HTML) 36 Page - Renesas Technology Corp |
|
36 / 145 page ![]() Rev.3.02 Dec 22, 2006 page 36 of 142 REJ03B0024-0302 4553 Group • Prescaler and Timer 1 count start timing and count time when op- eration starts Count starts from the first rising edge of the count source (2) af- ter Prescaler and Timer 1 operations start (1). Time to first underflow (3) is shorter (for up to 1 period of the count source) than time among next underflow (4) by the timing to start the timer and count source operations after count starts. When selecting CNTR input as the count source of Timer 1, Timer 1 operates synchronizing with the falling edge of CNTR in- put. Fig. 24 Timer count start timing and count time when opera- tion starts (Prescaler and Timer 1) • Timer 2 and Timer LC count start timing and count time when op- eration starts Count starts from the rising edge (2) after the first falling edge of the count source, after Timer 2 and Timer LC operations start (1). Time to first underflow (3) is different from time among next un- derflow (4) by the timing to start the timer and count source operations after count starts. Fig. 25 Timer count start timing and count time when opera- tion starts (Timer 2 and Timer LC) (1) Timer Start Count Source Timer Value Timer Underflow signal 3 2 1 032 103 (4) (3) (2) 2 Count Source Selecting CNTR input falling edge (1) Timer Start Count Source Timer Value Timer Underflow Signal 3 2 1 032 103 (4) (3) (2) |