| Moteur de recherche de fiches techniques de composants électroniques |
|
4513 Fiches technique(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Fiches technique(HTML) 31 Page - Renesas Technology Corp |
|
31 / 97 page ![]() 30 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS Table 10 Timer control registers 0 1 0 1 0 1 0 1 W21 0 0 1 1 Stop (state initialized) Operating Instruction clock divided by 4 Instruction clock divided by 16 Stop (state retained) Operating Count start synchronous circuit not selected Count start synchronous circuit selected Prescaler control bit Prescaler dividing ratio selection bit Timer 1 control bit Timer 1 count start synchronous circuit control bit Stop (state retained) Operating This bit has no function, but read/write is enabled. Count source Timer 1 underflow signal Prescaler output CNTR0 input 16 bit timer (WDT) underflow signal Timer 2 control bit Not used Timer 2 count source selection bits 0 1 0 1 W20 0 1 0 1 W13 W12 W11 W10 W23 W22 W21 W20 W33 W32 W31 W30 W43 W42 W41 W40 W63 W62 W61 W60 Timer control register W1 R/W at RAM back-up : 00002 at reset : 00002 R/W at RAM back-up : 00002 at reset : 00002 Timer control register W2 R/W at RAM back-up : state retained at reset : 00002 W31 0 0 1 1 Stop (state retained) Operating Count start synchronous circuit not selected Count start synchronous circuit selected Count source Timer 2 underflow signal Prescaler output Not available Not available Timer 3 control bit Timer 3 count start synchronous circuit control bit Timer 3 count source selection bits 0 1 0 1 W30 0 1 0 1 Timer control register W3 R/W at RAM back-up : state retained at reset : 00002 W41 0 0 1 1 Stop (state retained) Operating This bit has no function, but read/write is enabled. Count source Timer 3 underflow signal Prescaler output CNTR1 input Not available Timer 4 control bit Not used Timer 4 count source selection bits 0 1 0 1 W40 0 1 0 1 Timer control register W4 R/W at RAM back-up : state retained at reset : 00002 Timer 3 underflow signal output divided by 2 CNTR1 output control by timer 4 underflow signal divided by 2 D7(I/O)/CNTR1 input CNTR1 (I/O)/D7(input) Timer 1 underflow signal output divided by 2 CNTR0 output control by timer 2 underflow signal divided by 2 D6(I/O)/CNTR0 input CNTR0 (I/O)/D6(input) CNTR1 output control bit D7/CNTR1 function selection bit CNTR0 output control bit D6/CNTR0 output control bit 0 1 0 1 0 1 0 1 Timer control register W6 R/W at RAM back-up : state retained at reset : 00002 Note: “R” represents read enabled, and “W” represents write enabled. |