Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4513 Fiches technique(PDF) 97 Page - Renesas Technology Corp

No de pièce 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Fiches technique(HTML) 97 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp 4513 Datasheet HTML 95Page - Renesas Technology Corp 4513 Datasheet HTML 96Page - Renesas Technology Corp 4513 Datasheet HTML 97Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 97 page
background image
Rev.
Rev.
No.
date
1.0
First Edition
980807
1.1
Page 1: APPLICATION revised, Table “Under development” eliminated.
010724
Pages 10 to 14: PORT BLOCK DIAGRAMS revised.
Page 24: Fig. 17 revised.
Page 28: Table 9 Timer 1 structure and Timer 3 structure revised.
Page 29: Fig. 19 revised.
Page 32: (10) Count start synchronous circuit (timer 1 and 3) revised.
Page 38: Table 13 Slave (reception); line 6; received
→ transmitted
Page 39: Fig. 26 AIN8
→ AIN4, AIN9 → AIN5, AIN10 → AIN6, AIN11 → AIN7
Page 56: ROM ORDERING METHOD revised.
Mask ROM Order Confirmation Form, Mark Specification Form eliminated.
As for Mask ROM Order Confirmation Form and Mark Specification Form, refer to
http://www.infomicom.maec.co.jp/rom/efram/romtopf.htm
32P6B-A package is changed to 32P6U-A package.
Pages 94 and 95: All packages renewed.
REVISION DESCRIPTION LIST
4513/4514 GROUP DATA SHEET
(1/1)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97