| Moteur de recherche de fiches techniques de composants électroniques |
|
4513 Fiches technique(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Fiches technique(HTML) 73 Page - Renesas Technology Corp |
|
73 / 97 page ![]() Parameter Instruction code Function Mnemonic Type of instructions D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Hexadecimal notation 72 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS B a BL p, a BLA p BM a BML p, a BMLA p RTI RT RTS DI EI SNZ0 SNZ1 011a6 a5 a4 a3 a2 a1 a0 00111p4 p3 p2 p1 p0 10p5 a6 a5 a4 a3 a2 a1 a0 0000010000 10p5 p4 00p3 p2 p1 p0 010a6 a5 a4 a3 a2 a1 a0 00110p4 p3 p2 p1 p0 10p5 a6 a5 a4 a3 a2 a1 a0 0000110000 10p5 p4 00p3 p2 p1 p0 0001000110 0001000100 0001000101 0000000100 0000000101 0000111000 0000111001 18 a +a 0E p +p 2p a +a 01 0 2p p 1a a 0C p +p 2p a +a 03 0 2p p 04 6 04 4 04 5 00 4 00 5 03 8 03 9 1 2 2 1 2 2 1 1 1 1 1 1 1 1 2 2 1 2 2 1 2 2 1 1 1 1 MACHINE INSTRUCTIONS (continued) (PCL) ← a6–a0 (PCH) ← p (PCL) ← a6–a0 (Note) (PCH) ← p (PCL) ← (DR2–DR0, A3–A0) (Note) (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← 2 (PCL) ← a6–a0 (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← p (PCL) ← a6–a0 (Note) (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← p (PCL) ← (DR2–DR0,A3–A0) (Note) (PC) ← (SK(SP)) (SP) ← (SP) – 1 (PC) ← (SK(SP)) (SP) ← (SP) – 1 (PC) ← (SK(SP)) (SP) ← (SP) – 1 (INTE) ← 0 (INTE) ← 1 (EXF0) = 1 ? After skipping (EXF0) ← 0 (EXF1) = 1 ? After skipping (EXF1) ← 0 Note : p is 0 to 15 for M34513M2, p is 0 to 31 for M34513M4/E4, p is 0 to 47 for M34513M6 and M34514M6, and p is 0 to 63 for M34513M8/E8 and M34514M8/E8. |