| Moteur de recherche de fiches techniques de composants électroniques |
|
7481 Fiches technique(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7481 Fiches technique(HTML) 28 Page - Renesas Technology Corp |
|
28 / 98 page ![]() 27 MITSUBISHI MICROCOMPUTERS 7480/7481 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. Fig. 21 Timing diagram in pulse cycle measurement mode (at “rising edge interval” measurement) Fig. 22 Timing diagram in pulse width measurement mode (at “L section” measurement) TR FFFF16 000016 TR : Timer interrupt request CNTR: CNTR0/CNTR1 interrupt request TR Input signal from CNTR0/CNTR1 pin CNTR CNTR CNTR CNTR FFFF16+T1 T2 T3 FFFF16 CNTR0/CNTR1 interrupt polarity is active at rising edge. T3 T2 T1 TR FFFF16 000016 TR : Timer interrupt request CNTR : CNTR 0/CNTR1 interrupt request Input signal from CNTR0/CNTR1 pin CNTR CNTR CNTR FFFF16+T2 T1 T3 CNTR0/CNTR1 interrupt polarity is active at rising edge, and pulse L width is measured. T3 T2 T1 |