| Moteur de recherche de fiches techniques de composants électroniques |
|
7481 Fiches technique(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7481 Fiches technique(HTML) 80 Page - Renesas Technology Corp |
|
80 / 98 page ![]() MITSUBISHI MICROCOMPUTERS 7480/7481 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 79 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. V= $8000 .BYTE ‘M37481M8-’ V= $0000 .BYTE ‘M37481M8-’ 740 FAMILY MASK ROM CONFIRMATION FORM SINGLE-CHIP MICROCOMPUTER M37481M8-XXXSP/FP MITSUBISHI ELECTRIC GZZ-SH09-81B<56A0> Recommend to writing the following pseudo-command to the assembler source file : 27256 27512 EPROM type The pseudo-command Note : If the name of the product written to the EPROMs does not match the name of the mask confirmation, the ROM processing is disabled. Write the data correctly. g 2. Mark specification Mark specification must be submitted using the correct form for the package being ordered fill out the appropriate mark specification form (42P4B for M37481M8-XXXSP, 44P6N-A for M37481M8-XXXFP) and attach to the mask ROM confirmation form. g 3. Comments Mask ROM number |