| Moteur de recherche de fiches techniques de composants électroniques |
|
HD404612FS Fiches technique(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404612FS Fiches technique(HTML) 12 Page - Renesas Technology Corp |
|
12 / 91 page ![]() HD404618 Series 10 0 $000 $000 63 64 80 112 959 960 1023 $03F $040 $050 $070 $100 $3FF 4 5 6 7 0 1 2 3 12 13 14 15 8 9 10 11 16 17 32 35 48 18 19 20 49 50 51 63 $001 $002 $003 $004 $005 $006 $007 $008 $009 $00A $00B $00C $00D $00E $00F $010 $011 $012 $013 $014 $020 $023 $030 $031 $032 $033 $03B $03C $03D $03F $00A $00B $00E $00F W W R/W W W W W W W W W W W W W W W W W W W W R R R R W R/W R/W R/W R/W R/W R/W $100 $2CF 61 59 60 $3BF $3C0 $2CF RAM-mapped registers Memory registers (MR) LCD display area (32 digits) Data (144 digits) Data (464 digits 2) V = 0 (bank 0) V = 1 (bank 1) Not used Stack (64 digits) Interrupt control bits area Port mode register A (PMRA) Serial mode register (SMR) Serial data register lower (SRL) Serial data register upper (SRU) Timer mode register A (TMA) Timer mode register B (TMB) Timer B (TCBL/TLRL) (TCBU/TLRU) Miscellaneous register (MIS) Timer mode register C (TMC) Timer C (TCCL/TCRL) (TCCU/TCRU) TG mode register (TGM) TG control register (TGC) Port mode register B (PMRB) LCD control register (LCR) LCD mode register (LMR) Not used Register flag area Not used Port R0 DCR (DCR0) Port R1 DCR (DCR1) Port R2 DCR (DCR2) Port R3 DCR (DCR3) Not used Port D –D DCR (DCRB) Port D –D DCR (DCRC) Port D –D DCR (DCRD) Not used V register (V-REG) 03 47 89 Data (464 digits) V = 0 (bank 0) Data (464 digits) V = 1 (bank 1) 10 11 14 15 Timer counter B, lower (TCBL) Timer counter B, upper (TCBU) Timer counter C, lower (TCCL) Timer counter C, upper (TCCU) Timer load register B, lower (TLRL) Timer load register B, upper (TLRU) Timer load register C, lower (TCRL) Timer load register C, upper (TCRU) R: Read only W: Write only R/W: Read/write × * Note: Do not use any area labelled “Not used” * The data area has two banks: V = 0 (bank 0) and V = 1 (bank 1) Figure 2 RAM Memory Map |