| Moteur de recherche de fiches techniques de composants électroniques |
|
BU505 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BU505 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() August 2005 1/10 10 BU505 High Voltage NPN Multiepitaxial Fast-Switching Transistor Features ■ HIGH VOLTAGE CAPABILITY ■ VERY HIGH SWITCHING SPEED ■ HIGH RUGGEDNESS Applications ■ ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING ■ SWITCH MODE POWER SUPPLIES Description The BU505 is a High Voltage NPN fastswitching transistor designed to be used in lighting application, like electronic ballast for fluorescent lamps. It’s characteristics make also ideal for power supplies. Order Codes Internal Schematic Diagram 1 2 3 TO-220 Part Number Marking Package Packing BU505 BU505 TO-220 TUBE www.st.com rev.4 |
Numéro de pièce similaire - BU505 |
|
Description similaire - BU505 |