Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECP2M70 Fiches technique(PDF) 29 Page - Lattice Semiconductor

No de pièce ECP2M70
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2M70 Fiches technique(HTML) 29 Page - Lattice Semiconductor

Back Button ECP2M70 Datasheet HTML 25Page - Lattice Semiconductor ECP2M70 Datasheet HTML 26Page - Lattice Semiconductor ECP2M70 Datasheet HTML 27Page - Lattice Semiconductor ECP2M70 Datasheet HTML 28Page - Lattice Semiconductor ECP2M70 Datasheet HTML 29Page - Lattice Semiconductor ECP2M70 Datasheet HTML 30Page - Lattice Semiconductor ECP2M70 Datasheet HTML 31Page - Lattice Semiconductor ECP2M70 Datasheet HTML 32Page - Lattice Semiconductor ECP2M70 Datasheet HTML 33Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 386 page
background image
2-26
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
MULTADDSUBSUM sysDSP Element
In this case, the operands A0 and B0 are multiplied and the result is added/subtracted with the result of the multi-
plier operation of operands A1 and B1. Additionally the operands A2 and B2 are multiplied and the result is added/
subtracted with the result of the multiplier operation of operands A3 and B3. The result of both addition/subtraction
are added in a summation block. The user can enable the input, output and pipeline registers. Figure 2-26 shows
the MULTADDSUBSUM sysDSP element.
Figure 2-26. MULTADDSUBSUM
Clock, Clock Enable and Reset Resources
Global Clock, Clock Enable and Reset signals from routing are available to every DSP block. Four Clock, Reset
and Clock Enable signals are selected for the sysDSP block. From four clock sources (CLK0, CLK1, CLK2, CLK3)
Multiplier
Add/Sub0
x
n
m
m+n
(default)
m+n
(default)
m+n+1
m+n+2
m+n+2
m+n+1
m+n
(default)
m+n
(default)
m
n
m
n
m
n
n
m
x
n
n
m
n
n
m
Multiplier
Multiplier
Multiplier
Add/Sub1
x
n
m
m
n
m
n
m
n
n
m
x
n
m
m
n
m
n
n
m
SUM
Multiplier B0
Multiplicand A0
Multiplier B1
Multiplicand A1
Multiplier B2
Multiplicand A2
Multiplier B3
Multiplicand A3
Signed A
Shift Register B In
Output
Addn0
Pipeline
Register
CLK (CLK0,CLK1,CLK2,CLK3)
CE (CE0,CE1,CE2,CE3)
RST(RST0,RST1,RST2,RST3)
Input
Register
Pipeline
Register
Input
Register
To Add/Sub0
To Add/Sub0, Add/Sub1
Pipeline
Register
Signed B
Pipeline
Register
Input
Register
To Add/Sub0, Add/Sub1
Pipeline
Register
Input
Register
To Add/Sub1
Addn1
Pipeline
Register
Pipeline
Register
Pipeline
Register
Shift Register A In
Shift Register B Out
Shift Register A Out
Input Data
Register A
Input Data
Register A
Input Data
Register A
Input Data
Register A
Input Data
Register B
Input Data
Register B
Input Data
Register B
Input Data
Register B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com