Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECP2M70 Fiches technique(PDF) 69 Page - Lattice Semiconductor

No de pièce ECP2M70
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2M70 Fiches technique(HTML) 69 Page - Lattice Semiconductor

Back Button ECP2M70 Datasheet HTML 65Page - Lattice Semiconductor ECP2M70 Datasheet HTML 66Page - Lattice Semiconductor ECP2M70 Datasheet HTML 67Page - Lattice Semiconductor ECP2M70 Datasheet HTML 68Page - Lattice Semiconductor ECP2M70 Datasheet HTML 69Page - Lattice Semiconductor ECP2M70 Datasheet HTML 70Page - Lattice Semiconductor ECP2M70 Datasheet HTML 71Page - Lattice Semiconductor ECP2M70 Datasheet HTML 72Page - Lattice Semiconductor ECP2M70 Datasheet HTML 73Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 386 page
background image
3-17
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Typical Building Block Function Performance
1
Pin-to-Pin Performance (LVCMOS25 12mA Drive)
Function
-7 Timing
Units
Basic Functions
16-bit Decoder
3.8
ns
32-bit Decoder
4.5
ns
64-bit Decoder
5.0
ns
4:1 MUX
3.2
ns
8:1 MUX
3.4
ns
16:1 MUX
3.5
ns
32:1 MUX
4.0
ns
1. These timing numbers were generated using the ispLEVER design tool. Exact performance may vary with device and tool version. The tool
uses internal parameters that have been characterized but are not tested on every device.
Timing v.A 0.11
Register-to-Register Performance
Function
-7 Timing
Units
Basic Functions
16-bit Decoder
599
MHz
32-bit Decoder
542
MHz
64-bit Decoder
417
MHz
4:1 MUX
847
MHz
8:1 MUX
803
MHz
16:1 MUX
660
MHz
32:1 MUX
577
MHz
8-bit Adder
591
MHz
16-bit Adder
500
MHz
64-bit Adder
306
MHz
16-bit Counter
488
MHz
32-bit Counter
378
MHz
64-bit Counter
260
MHz
64-bit Accumulator
253
MHz
Embedded Memory Functions
512x36 Single Port RAM, EBR Output
Registers
370
MHz
1024x18 True-Dual Port RAM (Write
Through or Normal, EBR Output Regis-
ters)
370
MHz
1024x18 True-Dual Port RAM (Write
Through or Normal, PLC Output
Registers)
280
MHz
Distributed Memory Functions
16x4 Pseudo-Dual Port RAM (One PFU)
819
MHz
32x4 Pseudo-Dual Port RAM
521
MHz
64x8 Pseudo-Dual Port RAM
435
MHz
DSP Functions
18x18 Multiplier (All Registers)
420
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com