| Moteur de recherche de fiches techniques de composants électroniques |
|
ECP2M70 Fiches technique(PDF) 13 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2M70 Fiches technique(HTML) 13 Page - Lattice Semiconductor |
|
13 / 386 page ![]() 2-10 Architecture Lattice Semiconductor LatticeECP2/M Family Data Sheet The DLLs in the LatticeECP2/M are used to shift the clock in relation to the data for source synchronous inputs. PLLs are used for frequency synthesis and clock generation for source synchronous interfaces. Cascading PLL and DLL blocks allows applications to utilize the unique benefits of both DLLs and PLLs. For further information about the DLL, please see the list of additional technical documentation at the end of this data sheet. GPLL/SPLL/GDLL PIO Input Pin Connections (LatticeECP2M Family Only) All LatticeECP2M devices contain two GDLLs, two GPLLs and six SPLLs, arranged in quadrants as shown in Figure 2-8. In the LatticeECP2M devices GPLLs, SPLLs and GDLLs share their input pins. Figure 2-8 shows the sharing of SPLLs input pin connections in the upper two quadrants and the sharing of GDLL, GPLL and SPLL input pin connections in the lower two quadrants. Figure 2-8. Sharing of PIO Pins by GPLL, SPLL and GDLL in LatticeECP2M Devices Clock Dividers LatticeECP2/M devices have two clock dividers, one on the left side and one on the right side of the device. These are intended to generate a slower-speed system clock from a high-speed edge clock. The block operates in a ÷2, ÷4 or ÷8 mode and maintains a known phase relationship between the divided down clock and the high-speed clock based on the release of its reset signal. The clock dividers can be fed from selected PLL/DLL outputs, DLL- DELA delay blocks, routing or from an external clock input. The clock divider outputs serve as primary clock sources and feed into the clock distribution network. The Reset (RST) control signal resets input and synchro- nously forces all outputs to low. The RELEASE signal releases outputs synchronously to the input clock. For further information about clock dividers, please see the list of additional technical documentation at the end of this data sheet. Figure 2-9 shows the clock divider connections. SPLL SPLL GPLL GDLL SPLL SPLL_PIO SPLL_PIO GPLL_PIO GDLL_PIO SPLL_PIO SPLL SPLL GPLL GDLL SPLL SPLL_PIO SPLL_PIO GPLL_PIO GDLL_PIO SPLL_PIO Upper Left Quadrant Lower Left Quadrant Upper Right Quadrant Lower Right Quadrant |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |