Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7461N Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 6Page - STMicroelectronics TDA7461N Datasheet HTML 7Page - STMicroelectronics TDA7461N Datasheet HTML 8Page - STMicroelectronics TDA7461N Datasheet HTML 9Page - STMicroelectronics TDA7461N Datasheet HTML 10Page - STMicroelectronics TDA7461N Datasheet HTML 11Page - STMicroelectronics TDA7461N Datasheet HTML 12Page - STMicroelectronics TDA7461N Datasheet HTML 13Page - STMicroelectronics TDA7461N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Softstep Volume
When volume level is changed often an audible
click appears at the output. The root cause of
those clicks could be either a DC offset before
the volume stage or the sudden change of the
envelope of the audio signal. With the Softstep
feature both kinds of clicks could be reduced to a
minimum and are no more audible (see figure 7).
Bass
There are three parameters programmable in the
bass stage (see figs 8, 9, 10, 11):
- Attenuation
- Center Frequency (60, 70, 80 and 100Hz)
- Quality Factors (1, 1.25, 1.5 and 2)
DC Mode
In this mode the DC gain is increased by 4.4dB.
In addition the programmed center frequency and
quality factor is decreased by 25% which can be
used to reach alternative center frequencies or
quality factors.
Treble
There are two parameters programmable in the
treble stage (see figs 12, 13):
- Attenuation
- Center Frequency (10, 12.5, 15 and 17.5kHz).
Speaker Attenuator
Due to practical aspects the steps in the speaker
attenuators are not linear over the full range. At
attenuations more than 24dB the steps increase
from 1.5dB to 10dB (please see data byte specifi-
cation).
10
100
1,000
Hz
-20
-15
-10
-5
(dB)
D98AU844
Figure 5. Loudness @ Attn. = 15dB, fc = 400Hz
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634
Figure 6. Softmute Timing
2dB
1dB
-1dB
-2dB
Time
D97AU635
VOUT
10ms
Figure 7. Soft Step Timing
Note: Please notice that a started Mute action is always terminated
and could not be interrupted by a change of the mute signal.
Note: For steps more than 1dB the softstep mode should be
deactivated because it could generate a 1dB error during the
blend-time
TDA7461N
10/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com