Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7461N Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 2Page - STMicroelectronics TDA7461N Datasheet HTML 3Page - STMicroelectronics TDA7461N Datasheet HTML 4Page - STMicroelectronics TDA7461N Datasheet HTML 5Page - STMicroelectronics TDA7461N Datasheet HTML 6Page - STMicroelectronics TDA7461N Datasheet HTML 7Page - STMicroelectronics TDA7461N Datasheet HTML 8Page - STMicroelectronics TDA7461N Datasheet HTML 9Page - STMicroelectronics TDA7461N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BASS CONTROL
CRANGE
Control Range
±13
±14
±15
dB
ASTEP
Step Resolution
1
2
3
dB
fC
Center Frequency
fC1
54
60
66
Hz
fC2
63
70
77
Hz
fC3
72
80
88
Hz
fC4
90
100
(2)
110
Hz
QBASS
Quality Factor
Q1
0.9
1
1.1
Q2
1.11.251.4
Q3
1.3
1.5
1.7
Q4
1.8
2
2.2
DCGAIN
Bass-Dc-Gain
DC = off
-1
0
+1
dB
DC = on
4
4.4
6
dB
TREBLE CONTROL
CRANGE
Control Range
±13
±14
±15
dB
ASTEP
Step Resolution
1
2
3
dB
fC
Center Frequency
fC1
8
10
12
KHz
fC2
10
12.5
15
KHz
fC3
12
15
18
KHz
fC4
14
17.5
21
KHz
SPEAKER ATTENUATORS
CRANGE
Control Range
-53
-50
-47
dB
ASTEP
Step Resolution
0.5
1
2
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
-2
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
5
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
K
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
100
Ω
VDC
DC Voltage Level
3.6
3.8
4.0
V
GENERAL
eNO
Output Noise
BW = 20 Hz to 20 KHz
output muted
315
µV
BW = 20 Hz to 20 KHz
all gain = 0dB
6.5
15
µV
S/N
Signal to Noise Ratio
all gain = 0dB flat; VO = 2VRMS
106
dB
bass treble at 12dB; VO =
2.6VRMS
100
dB
d
Distortion
VIN = 1VRMS; all stages 0dB
0.002
0.1
%
VIN = 1VRMS; Bass & Treble = 12dB
0.05
0.1
%
SC
Channel separation Left/Right
80
100
dB
ET
Total Tracking Error
AV = 0 to -20dB
-1
0
1
dB
AV = -20 to -60dB
-2
0
2
dB
2) See description of Audioprocessor Part - Bass & Treble filter characteristics programming
TDA7461N
6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com