Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7461N Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 5Page - STMicroelectronics TDA7461N Datasheet HTML 6Page - STMicroelectronics TDA7461N Datasheet HTML 7Page - STMicroelectronics TDA7461N Datasheet HTML 8Page - STMicroelectronics TDA7461N Datasheet HTML 9Page - STMicroelectronics TDA7461N Datasheet HTML 10Page - STMicroelectronics TDA7461N Datasheet HTML 11Page - STMicroelectronics TDA7461N Datasheet HTML 12Page - STMicroelectronics TDA7461N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Mixing Stage
This stage offers the possibility to mix the internal
beep or the phone signal to any other source.
Due to the fact that the mixing stage is also lo-
cated behind the In-Gain stage fine adjustments
of the main source level can be done in this way.
Loudness
There are four parameters programmable in the
loudness stage (see fig. 3, 4, 5):
- Attenuation
- Center Frequency
- Loudness Q
- Flat Mode: in this mode the loudness stage works
as a 0 - 15dB attenuator.
Softmute
The digitally controlled softmute stage allows
muting/demuting the signal with a I
2C bus pro-
grammable slope. The mute process can either
be activated by the softmute pin or by the I
2C
bus. The slope is realized in a special S shaped
curve to mute slow in the critical regions (see fig-
ure 6).
For timing purposes the Bit 3 of the I
2C bus out-
put register is set to 1 from the start of muting un-
til the end of demuting.
15K
15K
100K
CD
CDGND
15K
15K
-
+
15K
15K
PHONE
PH_GND
15K
15K
-
+
D97AU633A
100K
100K
100K
STEREODECODER
IN GAIN
CASSETTE
AM
MPX
Figure 2. Input stages
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
Figure 3. Loudness Attenuation @ fc = 400Hz
(second order)
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
Figure 4. Loudness Center frequency @ Attn.
= 15dB (second order)
TDA7461N
9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com