Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7407TR Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce TDA7407TR
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407TR Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button TDA7407TR Datasheet HTML 19Page - STMicroelectronics TDA7407TR Datasheet HTML 20Page - STMicroelectronics TDA7407TR Datasheet HTML 21Page - STMicroelectronics TDA7407TR Datasheet HTML 22Page - STMicroelectronics TDA7407TR Datasheet HTML 23Page - STMicroelectronics TDA7407TR Datasheet HTML 24Page - STMicroelectronics TDA7407TR Datasheet HTML 25Page - STMicroelectronics TDA7407TR Datasheet HTML 26Page - STMicroelectronics TDA7407TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
TDA7407
Multipath detector
23/46
5.1.8
Attenuation (80Hz)
Figure 9 shows the attenuation as a function of frequency at a center frequency of 80Hz.
5.1.9
Center frequency (60, 70, 80, 100Hz)
Figure 10 shows the four possible center frequencies 60,70,80 and 100Hz.
5.1.10
Quality factors (1, 1.25, 1.5, 2)
Figure 11 shows the four possible quality factors 1, 1.25, 1.5 and 2.
5.1.11
DC mode
In this mode the DC gain is increased by 5.1dB. In addition the programmed center
frequency and quality factor is decreased by 25%, which can be used to reach alternative
center frequencies or quality factors. (see Figure 12)
5.1.12
MID
There are 3 parameters programmable in the mid stage (see figures13, 14 and 15)
5.1.13
Attenuation (1kHz)
Figure 13 shows the attenuation as a function of frequency at a center frequency of 1kHz.
5.1.14
Center frequency (500, 1k, 1.5k, 2k Hz)
Figure 14 shows the four possible center frequencies 500Hz, 1kHz, 1.5kHz and 2kHz.
5.1.15
Quality factor (2 at 1kHz)
Figure 15 shows the two possible quality factors 1 and 2 at a center frequency of 1kHz.
5.1.16
Treble
There are two parameters programmable in the treble stage (see figures 16, and17):
5.1.17
Attenuation (17.5kHz)
Figure 16 shows the attenuation as a function of frequency at a center frequency of
17.5KHz.
5.1.18
Center frequency (10, 12.5, 15, 17.5kHz)
Figure 17 shows the four possible Center Frequency (10, 12.5, 15 and 17.5kHz).
5.1.19
AC coupling
In some applications additional signal manipulations are desired, for example surround
sound or more band equalizing. For this purpose AC Coupling is placed before the speaker
attenuators, which can be activated or internally shorted by Bit7 in the Bass/Treble
configuration byte. In short condition the input signal of the speaker attenuator is available at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46