| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7407TR Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7407TR Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 46 page ![]() TDA7407 Audio processor part 13/46 QMID Quality factor Q1 0.911.1 Q2 1.822.2 Treble control CRANGE Control range ±13 ±15 ±17 dB ASTEP Step resolution 0.5 1 1.5 dB fC Center frequency fC1 810 12 KHz fC2 10 12.5 15 KHz fC3 12 15 18 KHz fC4 14 17.5 21 KHz 1. The SM pin is active low (mute = 0) 2. See note in programming section Table 5. Audio processor electrical characteristics (continued) (VS = 9V; Tamb = 25°C; RL = 10KΩ; all gains = 0dB; f = 1KHz; unless otherwise specified) Symbol Parameter Test condition Min. Typ. Max. Unit |