Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7407TR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce TDA7407TR
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407TR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button TDA7407TR Datasheet HTML 18Page - STMicroelectronics TDA7407TR Datasheet HTML 19Page - STMicroelectronics TDA7407TR Datasheet HTML 20Page - STMicroelectronics TDA7407TR Datasheet HTML 21Page - STMicroelectronics TDA7407TR Datasheet HTML 22Page - STMicroelectronics TDA7407TR Datasheet HTML 23Page - STMicroelectronics TDA7407TR Datasheet HTML 24Page - STMicroelectronics TDA7407TR Datasheet HTML 25Page - STMicroelectronics TDA7407TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Multipath detector
TDA7407
22/46
5.1.6
Softmute
The digitally controlled softmute stage allows muting/demuting the signal with a I2C bus
programmable slope. The mute process can either be activated by the softmute pin or by the
I2C bus. The slope is realized in a special S shaped curve to mute slow in the critical
regions.
Figure 7.
Input stages
Figure 8.
Softmute timing
Note:
Please notice that a started Mute action is always terminated and could not be interrupted
by a change of the mute signal.
For timing purposes the Bit 3 of the I2C bus output register is set to 1 from the start of muting
until the end of demuting.
5.1.7
BASS
There are four parameters programmable in the bass stage: (see figs 9, 10, 11, 12):
15K
15K
100K
CD+
CD-
15K
15K
+
-
27K
28K
PHONE+
PHONE-
27K
28K
+
-
D98AU854A
100K
100K
100K
STEREO DECODER
IN GAIN
CASSETTE
AM
MPX
1
1
100K
CD OUT
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46