| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7405 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7405 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 57 page ![]() TDA7405 40/57 12.2 SUBADDRESS (receive mode) MSB LSB FUNCTION I2 I1 I0 A4 A3 A2 A1 A0 0 1 Compander Hold off on 0 1 AutoZero Remain off on 0 1 Auto-Increment Mode off on 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Subaddress Main Source Selector Loudness Volume Treble Bass Mixing Programming SoftMute Voice-Band Second Source Selector Equalizer Frequencies Equalizer-Config. / Bass Compander Configuration Audioprocessor I Configuration Audioprocessor II Equalizer Low-Filter Equalizer High-Filter Speaker attenuator LF Speaker attenuator RF Speaker attenuator LR Speaker attenuator RR Mixing Level Control Testing Audioprocessor Stereodecoder Noise-Blanker I Noise-Blanker II AM / AM-Noiseblanker High-Cut Control Fieldstr. & Quality Multipath-Detector Stereodecoder Adjustment Configuration Stereodecoder Testing Sterodecoder |