| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7405 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7405 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 57 page ![]() TDA7405 18/57 5.9.1 Equalizer-Setup The two Filters can be configured in multiple ways in order to cover as most as possible applications. Both filters can be programmed to be either in the front- or in the rear-path, respectively. This feature enables to have e.g. the High-Filter in the front- and both filters in the rear-path. Figure 17. Equalizer Configuration 5.9.2 Attenuation Figure 18 shows the attenuation as a function of frequency at a center frequency of 625 Hz. Figure 18. Gain/Attenuation of EQ-Filter 2e+01 2e+04 1e+02 1e+04 1e+03 Hz -15 15 -10 10 -5 5 0 dB |