Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7405 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 32Page - STMicroelectronics TDA7405 Datasheet HTML 33Page - STMicroelectronics TDA7405 Datasheet HTML 34Page - STMicroelectronics TDA7405 Datasheet HTML 35Page - STMicroelectronics TDA7405 Datasheet HTML 36Page - STMicroelectronics TDA7405 Datasheet HTML 37Page - STMicroelectronics TDA7405 Datasheet HTML 38Page - STMicroelectronics TDA7405 Datasheet HTML 39Page - STMicroelectronics TDA7405 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
TDA7405
36/57
Figure 36. Blockdiagram of the Multipath-Detector
11.5 Quality Detector
The TDA7405 offers a quality detector output which gives a voltage representing the FM-reception conditions.
To calculate this voltage the MPX-noise and the multipath-detector output are summed according to the follow-
ing formula :
VQual = 1.6 (VNoise-0.8 V)+ a (REF5V-VMpout).
The noise-signal is the PEAK-signal without additional influences (see noiseblanker description). The factor 'a'
can by programmed to 0.7 .... 1.15. The output is a low impedance output able to drive external circuitry as well
as simply fed to an AD-converter for RDS applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57