Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6722 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 25Page - STMicroelectronics L6722 Datasheet HTML 26Page - STMicroelectronics L6722 Datasheet HTML 27Page - STMicroelectronics L6722 Datasheet HTML 28Page - STMicroelectronics L6722 Datasheet HTML 29Page - STMicroelectronics L6722 Datasheet HTML 30Page - STMicroelectronics L6722 Datasheet HTML 31Page - STMicroelectronics L6722 Datasheet HTML 32Page - STMicroelectronics L6722 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
L6722
11 System control loop compensation
29/34
●
Increase CF to move ωF to low frequencies increasing as a consequence the system
phase margin.
Having the fastest compensation network gives not the confidence to satisfy the requirements
of the load: the inductor still limits the maximum dI/dt that the system can afford. In fact, when a
load transient is applied, the best that the controller can do is to “saturate” the duty cycle to its
maximum (dMAX) or minimum (0) value. The output voltage dV/dt is then limited by the inductor
charge / discharge time and by the output capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34