Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6722 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 11Page - STMicroelectronics L6722 Datasheet HTML 12Page - STMicroelectronics L6722 Datasheet HTML 13Page - STMicroelectronics L6722 Datasheet HTML 14Page - STMicroelectronics L6722 Datasheet HTML 15Page - STMicroelectronics L6722 Datasheet HTML 16Page - STMicroelectronics L6722 Datasheet HTML 17Page - STMicroelectronics L6722 Datasheet HTML 18Page - STMicroelectronics L6722 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
L6722
5 Driver section
15/34
●
Drivers' power is the power needed by the driver to continuously switch on and off the
external mosfets; it is a function of the switching frequency and total gate charge of the
selected mosfets. It can be quantified considering that the total power PSW dissipated to
switch the mosfets (easy calculable) is dissipated by three main factors: external gate
resistance (when present), intrinsic mosfet resistance and intrinsic driver resistance. This
last term is the important one to be determined to calculate the device power dissipation.
The total power dissipated to switch the mosfets results:
External gate resistors helps the device to dissipate the switching power since the same power
PSW will be shared between the internal driver impedance and the external resistor resulting in
a general cooling of the device.
SW
3F
SW
Q
GHS
V
BOOT
⋅
Q
GLS
V
CC
⋅
+
(
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34