Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT5363 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button VT5363_07 Datasheet HTML 15Page - STMicroelectronics VT5363_07 Datasheet HTML 16Page - STMicroelectronics VT5363_07 Datasheet HTML 17Page - STMicroelectronics VT5363_07 Datasheet HTML 18Page - STMicroelectronics VT5363_07 Datasheet HTML 19Page - STMicroelectronics VT5363_07 Datasheet HTML 20Page - STMicroelectronics VT5363_07 Datasheet HTML 21Page - STMicroelectronics VT5363_07 Datasheet HTML 22Page - STMicroelectronics VT5363_07 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
VT5363
Typical performance characteristics
19/23
7
Typical performance characteristics
Figure 9 shows the typical performance of the VT5363 sensor.
Figure 9.
Typical resolution versus height
Note:
Z = distance from lens to surface
Typical Resolution vs Z Height
250.00
300.00
350.00
400.00
450.00
500.00
-1.00 -0.80 -0.60 -0.40 -0.20 0.00 0.20 0.40 0.60 0.80 1.00
Z Height distance from nominal (mm)
White Card
Black Matt
US Manila



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23