Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT5363 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button VT5363_07 Datasheet HTML 14Page - STMicroelectronics VT5363_07 Datasheet HTML 15Page - STMicroelectronics VT5363_07 Datasheet HTML 16Page - STMicroelectronics VT5363_07 Datasheet HTML 17Page - STMicroelectronics VT5363_07 Datasheet HTML 18Page - STMicroelectronics VT5363_07 Datasheet HTML 19Page - STMicroelectronics VT5363_07 Datasheet HTML 20Page - STMicroelectronics VT5363_07 Datasheet HTML 21Page - STMicroelectronics VT5363_07 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Electrical characteristics
VT5363
18/23
6
Electrical characteristics
T
Table 6.
Typical operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vin
Supply voltage
4.1
5
5.6
V
Supply current (active)
17
23.3
mA
Supply current (suspend)
45
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23