Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT5363 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button VT5363_07 Datasheet HTML 6Page - STMicroelectronics VT5363_07 Datasheet HTML 7Page - STMicroelectronics VT5363_07 Datasheet HTML 8Page - STMicroelectronics VT5363_07 Datasheet HTML 9Page - STMicroelectronics VT5363_07 Datasheet HTML 10Page - STMicroelectronics VT5363_07 Datasheet HTML 11Page - STMicroelectronics VT5363_07 Datasheet HTML 12Page - STMicroelectronics VT5363_07 Datasheet HTML 13Page - STMicroelectronics VT5363_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Design notes
VT5363
10/23
2.10
Sensor orientation on PCB
The VT5363 must be orientated correctly on the PCB in order to move the cursor in the
correct directions when the mouse is moved. This is shown in Figure 5.
Figure 5.
VT5363 orientation
pin 1 marking
TOP VIEW of PCB
UP
DOWN
LEFT
VT5363 mounted UNDERNEATH
RIGHT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23