Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811QTR Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STMPE811QTR
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 33Page - STMicroelectronics STMPE811QTR Datasheet HTML 34Page - STMicroelectronics STMPE811QTR Datasheet HTML 35Page - STMicroelectronics STMPE811QTR Datasheet HTML 36Page - STMicroelectronics STMPE811QTR Datasheet HTML 37Page - STMicroelectronics STMPE811QTR Datasheet HTML 38Page - STMicroelectronics STMPE811QTR Datasheet HTML 39Page - STMicroelectronics STMPE811QTR Datasheet HTML 40Page - STMicroelectronics STMPE811QTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
STMPE811
Touchscreen controller
37/54
TSC_DATA_Y
TSC_DATA_Y
Address:
0x4F
Type:
R
Reset:
0x0000
Description:
Bit 11:0 of Y data
TSC_DATA_Z
TSC_DATA_Z
Address:
0x51
Type:
R
Reset:
0x0000
Description:
Bit 7:0 of Z data
11
10
987
6543
2
1
0
DATAY[11:0]
[11:0] DATAY[11:0]: bit 11:0 of Y data
7654
3
2
1
0
DATAZ[7:0]
[7:0] DATAZ[7:0]: bit 7:0 of Z data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54