Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811QTR Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STMPE811QTR
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 31Page - STMicroelectronics STMPE811QTR Datasheet HTML 32Page - STMicroelectronics STMPE811QTR Datasheet HTML 33Page - STMicroelectronics STMPE811QTR Datasheet HTML 34Page - STMicroelectronics STMPE811QTR Datasheet HTML 35Page - STMicroelectronics STMPE811QTR Datasheet HTML 36Page - STMicroelectronics STMPE811QTR Datasheet HTML 37Page - STMicroelectronics STMPE811QTR Datasheet HTML 38Page - STMicroelectronics STMPE811QTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
STMPE811
Touchscreen controller
35/54
WDW_BL_X
Window setup for bottom left X
Address:
0x46
Type:
R/W
Reset:
0x0000
Description:
Window setup for bottom left X coordinates
WDW_BL_Y
Window setup for bottom left Y
Address:
0x48
Type:
R/W
Reset:
0x0000
Description:
Window setup for bottom left Y coordinates
FIFO_TH
FIFO threshold
Address:
0x4A
Type:
R/W
Reset:
0x00
Description:
Triggers an interrupt upon reaching or exceeding the threshold value. This field must not be set
as zero.
7
6543
2
1
0
BL_X [11:0]
[11:0] BL_X: Bit 11:0 of bottom left X coordinates
7
6543
2
1
0
BL_Y [11:0]
[11:0] BL_X: Bit 11:0 of bottom left Y coordinates
7654
3
2
1
0
FIFO_TH
[7:0] FIFO_TH: Touchscreen controller FIFO threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54