Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811QTR Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STMPE811QTR
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 16Page - STMicroelectronics STMPE811QTR Datasheet HTML 17Page - STMicroelectronics STMPE811QTR Datasheet HTML 18Page - STMicroelectronics STMPE811QTR Datasheet HTML 19Page - STMicroelectronics STMPE811QTR Datasheet HTML 20Page - STMicroelectronics STMPE811QTR Datasheet HTML 21Page - STMicroelectronics STMPE811QTR Datasheet HTML 22Page - STMicroelectronics STMPE811QTR Datasheet HTML 23Page - STMicroelectronics STMPE811QTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
System and identification registers
STMPE811
20/54
SPI_CFG
SPI interface configuration
Address:
0x08
Type:
R/W
Reset:
0x01
Description:
SPI interface configuration register
7654
3
2
1
0
RESERVED
AUTO_INCR
SPI_CLK_MOD1
SPI_CLK_MOD0
[7:3] RESERVED
[2] AUTO_INCR: Bitfield description
This bit defines whether the SPI transaction follows an addressing scheme that internally
autoincrements or not
[1] SPI_CLK_MOD1: Bitfield description
This bit reflects the value of the SCAD/A0 pin during power-up reset
[0] SPI_CLK_MOD0: Bitfield description
This bit reflects the value of the SCAD/A0 pin during power-up reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54