Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1601 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 30Page - STMicroelectronics STMPE1601 Datasheet HTML 31Page - STMicroelectronics STMPE1601 Datasheet HTML 32Page - STMicroelectronics STMPE1601 Datasheet HTML 33Page - STMicroelectronics STMPE1601 Datasheet HTML 34Page - STMicroelectronics STMPE1601 Datasheet HTML 35Page - STMicroelectronics STMPE1601 Datasheet HTML 36Page - STMicroelectronics STMPE1601 Datasheet HTML 37Page - STMicroelectronics STMPE1601 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
GPIO controller
STMPE1601
34/61
10.4
Level translator feature
Figure 7.
Level translator feature
When enabled, the GPIO 0-7 bits are internally mapped to GPIO 8-15 bits. The
STMPE1601 becomes an 8-channel level translator where each of the channels may have
its direction set individually. As GPIO 0-7 operates from Vcc, and GPIO 8-15 operates from
Vio, this allows the 2 groups of GPIO to work as a level translator.
Warning:
When the level translator feature is enabled, the “Set pin”,
“Clear pin” and “Set direction” bits in the corresponding
registers will be ignored. However, the “Monitor pin”, “Edge
detect”, “Pull-up” features are still available in the GPIOs
used as level translator.
GPIO
0-7
GPIO
8-15
Direction
&
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61