| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE1601 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1601 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 61 page ![]() STMPE1601 System controller 17/61 7 System controller The system controller is the heart of the STMPE1601. It contains the registers for power control, and the registers for chip identification. The system registers are: CHIP_ID Chip identification register VERSION_ID Version identification register Table 16. System registers Address Register_Name 0x80 CHIP_ID 0x81 VERSION_ID 0x02 SYS_CTRL 0x03 SYS_CTRL_2 765 432 10 8-bit MSB of CHIP_ID R RRR RRR R 000 000 10 765 432 10 8-bit VERSION_ID R RRR RRR R 000 100 00 |