Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1601 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 28Page - STMicroelectronics STMPE1601_1 Datasheet HTML 29Page - STMicroelectronics STMPE1601_1 Datasheet HTML 30Page - STMicroelectronics STMPE1601_1 Datasheet HTML 31Page - STMicroelectronics STMPE1601_1 Datasheet HTML 32Page - STMicroelectronics STMPE1601_1 Datasheet HTML 33Page - STMicroelectronics STMPE1601_1 Datasheet HTML 34Page - STMicroelectronics STMPE1601_1 Datasheet HTML 35Page - STMicroelectronics STMPE1601_1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
GPIO controller
STMPE1601
32/61
10.2
GPIO alternate function registers
Each GPIO may be configured to one or more functions. A 2-bit field for each GPIO is used
for the configuration.
Table 22.
GPIO alternate function registers
GPIO alternate function
(upper word)
‘00’ for primary function
‘01’ for Alternate Function 1
‘10’ for Alternate Function 2
‘11’ - Reserved
GPIO alternate function
(lower word)
GPIO alternate function registers (upper)
15
14
13
12
11
10
98765
4321
0
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
GPIO-15
GPIO-14
GPIO-13
GPIO-12
GPIO-11
GPIO-10
GPIO-9
GPIO-8
GPIO alternate function registers (lower)
15
14
13
12
11
10
98765
4321
0
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
AF[1:0]
GPIO-7
GPIO-6
GPIO-5
GPIO-4
GPIO-3
GPIO-2
GPIO-1
GPIO-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61