Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1601 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 20Page - STMicroelectronics STMPE1601_1 Datasheet HTML 21Page - STMicroelectronics STMPE1601_1 Datasheet HTML 22Page - STMicroelectronics STMPE1601_1 Datasheet HTML 23Page - STMicroelectronics STMPE1601_1 Datasheet HTML 24Page - STMicroelectronics STMPE1601_1 Datasheet HTML 25Page - STMicroelectronics STMPE1601_1 Datasheet HTML 26Page - STMicroelectronics STMPE1601_1 Datasheet HTML 27Page - STMicroelectronics STMPE1601_1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
Interrupt system
STMPE1601
24/61
9
Interrupt system
The STMPE1601 uses a highly flexible interrupt system. It allows the host system to
configure the type of system events that should result in an interrupt, and pinpoints the
source of interrupt by status register. The INT pin can be configured as ACTIVE HIGH, or
ACTIVE LOW.
Once asserted, the INT pin would de-assert only if the corresponding bit in the interrupt
status register is cleared.
Figure 6.
Interrupt system
9.1
Interrupt system register map
Keypad
controller
PWM controller
GPIO controller
Interrupt status
register
Interrupt enable
register
Interrupt
generation
Interrupt polarity control
(System control register)
Table 17.
Register map
Address
Register name
Description
Auto-increment
(during sequential R/W)
0x10
INT_CTRL_MSB
Interrupt control register
Yes
0x11
INT__CTRL_LSB
Yes
0x12
INT_EN_MASK_MSB
Interrupt enable mask register
Yes
0x13
INT_EN_MASK_LSB
Yes
0x14
INT_STA_MSB
Interrupt status register
Yes
0x15
INT_STA_LSB
Yes
0x16
INT_EN_GPIO_MASK
_MSB
Interrupt enable GPIO mask register
Yes
0x17
INT_EN_GPIO_MASK
_LSB
Yes
0x18
INT_STA_GPIO_MSB
Interrupt status GPIO register
Yes
0x19
INT_STA_GPIO_LSB
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61