Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1601 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 53Page - STMicroelectronics STMPE1601_1 Datasheet HTML 54Page - STMicroelectronics STMPE1601_1 Datasheet HTML 55Page - STMicroelectronics STMPE1601_1 Datasheet HTML 56Page - STMicroelectronics STMPE1601_1 Datasheet HTML 57Page - STMicroelectronics STMPE1601_1 Datasheet HTML 58Page - STMicroelectronics STMPE1601_1 Datasheet HTML 59Page - STMicroelectronics STMPE1601_1 Datasheet HTML 60Page - STMicroelectronics STMPE1601_1 Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
STMPE1601
Miscellaneous features
57/61
15
Miscellaneous features
15.1
Reset
The STMPE1601 is equipped with an internal POR circuit that holds the device in reset
state, until the clock is steady and VCC input is valid. The host system may choose to reset
the STMPE1601 by asserting the RESET_N pin.
15.2
Under voltage lockout
The STMPE1601 is equipped with an internal UVLO (under voltage lockout) circuit that
generates a RESET signal, when the main supply voltage falls below the allowed threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61