| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5411 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5411 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 72 page ![]() MULTIPLE FUNCTION PIN DESCRIPTION Pin 14: DCLK/IO4/TEST1/TSYNC [R+] Function or In/Out conditions Function In/Out MW(pin) = 1 DEN(cr2) = 1 DMO(cr2) = 1 DCLK Out DMO(cr2) = 0 TSYNC Out DEN(cr2) = 0 TSYNC Out MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 CONF1(pin) = 1 TEST1 In CONF1(pin) = 0 IO4(cr5) = 1 I4 In IO4(cr5) = 0 O4 Out CONF2(pin) = 0 TEST1 In MO(pin) = 0 IO4(cr5) = 1 I4 In IO4(cr5) = 0 O4 Out Pin 15: Dr/IO3/EC/LFS/TDOUT [R+] Function or In/Out conditions (*) Function In/Out MW(pin) = 1 DEN(cr2) = 1 Dr Out DEN(cr2) = 0 TDOUT Out MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 CONF1(pin) = 1 EC Out CONF1(pin) = 0 IO3(cr5) = 1 I3 In IO3(cr5) = 0 O3 Out CONF2(pin) = 0 LFS In MO(pin) = 0 IO3(cr5) = 1 I3 In IO3(cr5) = 0 O3 Out (*) Only true if TDSPANA (internal test signal) = 0 Pin 16: Dx/IO2/EC/ES2/TDIN [R+] Function or In/Out conditions (*) Function In/Out MW(pin) = 1 DEN(cr2) = 1 Dx In DEN(cr2) = 0 TDIN In MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 CONF1(pin) = 1 ES2 In CONF1(pin) = 0 IO2(cr5) = 1 I2 In IO2(cr5) = 0 O2 Out CONF2(pin) = 0 CONF1(pin) = 1 EC Out CONF1(pin) = 0 ES2 In MO(pin) = 0 IO2(cr5) = 1 I2 In IO2(cr5) = 0 O2 Out (*) Only true if TGSCEN (internal test signal) = 0 STLC5411 11/72 |