Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5411 Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 64Page - STMicroelectronics STLC5411 Datasheet HTML 65Page - STMicroelectronics STLC5411 Datasheet HTML 66Page - STMicroelectronics STLC5411 Datasheet HTML 67Page - STMicroelectronics STLC5411 Datasheet HTML 68Page - STMicroelectronics STLC5411 Datasheet HTML 69Page - STMicroelectronics STLC5411 Datasheet HTML 70Page - STMicroelectronics STLC5411 Datasheet HTML 71Page - STMicroelectronics STLC5411 Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
DIP28 PLASTIC PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.34
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
STLC5411
71/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72