| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5411 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5411 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 72 page ![]() MULTIPLE FUNCTION PIN DESCRIPTION Pin 7: S0/FSb/TEST2 Function or In/Out conditions (*) Function In/Out MW(pin) = 1 CMS(cr1) = 1 FSb Out CMS(cr1) = 0 FSb In MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 CONF1(pin) = 1 TEST2 In CONF1(pin) = 0 FSb Out CONF2(pin) = 0 CONF1(pin) = 1 TEST2 In CONF1(pin) = 0 TEST2 Out MO(pin) = 0 S0 In (*) Only true if ANATST (internal test signal) = 0 Pin 10: TSR~/SCLK/TCLK Function or In/Out conditions (*) Function In/Out MW(pin) = 1 NTS(cr2) = 1 SCLK Out NTS(cr2) = 0 TSR~ Out OD MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 CONF1(pin) = 1 SCLK Out CONF1(pin) = 0 SCLK Out CONF2(pin) = 0 CONF1(pin) = 1 TSR~ Out OD CONF1(pin) = 0 SCLK Out MO(pin) = 0 NTS(cr2) = 1 SCLK Out NTS(cr2) = 0 TSR~ Out OD (*) Only true if TDSPANA (internal test signal) = 0 Pin 12: BCLK Function or In/Out conditions Function In/Out MW(pin) = 1 CMS(cr1) = 1 BCLK Out CMS(cr1) = 0 BCLK In MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 CONF1(pin) = 1 BCLK Out CONF1(pin) = 0 BCLK Out CONF2(pin) = 0 CONF1(pin) = 1 BCLK In CONF1(pin) = 0 BCLK Out MO(pin) = 0 BCLK In STLC5411 10/72 |