Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM7E1AR Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM7E1AR
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1AR Fiches technique(HTML) 5 Page - STMicroelectronics

  STM7E1AR Datasheet HTML 1Page - STMicroelectronics STM7E1AR Datasheet HTML 2Page - STMicroelectronics STM7E1AR Datasheet HTML 3Page - STMicroelectronics STM7E1AR Datasheet HTML 4Page - STMicroelectronics STM7E1AR Datasheet HTML 5Page - STMicroelectronics STM7E1AR Datasheet HTML 6Page - STMicroelectronics STM7E1AR Datasheet HTML 7Page - STMicroelectronics STM7E1AR Datasheet HTML 8Page - STMicroelectronics STM7E1AR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STM7E1
Application circuit
5/16
1.1
Test mode description (mode = 0, test = 1)
In order to test the main switches (4-point measurement), test modes are foreseen where
the main switches can be controlled independently from each other. One can enter in test
mode by controlling the Sc, Lm and Ls pins according to the following table.
The digital part and auxiliary switches can be tested in functional mode
Note:
Although there is an internal pull down in the TEST pin, an external hardware connection
from TEST to GND is required on the board to work in functional, mode.
Table 5.
Test mode
Signification
Sc
Lm
Ls
A_TX closed
H
H
L
A_RX closed
L
H
L
B_TX closed
H
L
H
B_RX closed
L
L
H
B_TX & c closed
H
L
L
A_RX & d closed
L
L
L
All main switches open
HH
H
LH
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16