Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM7E1AR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STM7E1AR
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1AR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STM7E1AR Datasheet HTML 2Page - STMicroelectronics STM7E1AR Datasheet HTML 3Page - STMicroelectronics STM7E1AR Datasheet HTML 4Page - STMicroelectronics STM7E1AR Datasheet HTML 5Page - STMicroelectronics STM7E1AR Datasheet HTML 6Page - STMicroelectronics STM7E1AR Datasheet HTML 7Page - STMicroelectronics STM7E1AR Datasheet HTML 8Page - STMicroelectronics STM7E1AR Datasheet HTML 9Page - STMicroelectronics STM7E1AR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Pin configuration
STM7E1
6/16
2
Pin configuration
Figure 2.
Pin configuration
Table 6.
Pin description
Pin n°
Symbol
Type
Name and function
1, 17, 33, 47
VNEG(1)
P
Negative power supply
2
Txm#2
IOA
Channel 2: TX main port
3
Tx#2
IOA
Channel 2: TX line
4
Txs#2
IOA
Channel 2: TX spare port
5, 12, 21, 25, 29, 38,
52, 56, 60
GND
G
Voltage reference for digital inputs
6
Rxm#3
IOA
Channel 3: RX main port
7
Rx#3
IOA
Channel 3: RX line
8
Rxs#3
IOA
Channel 3: RX spare port
9
Txm#3
IOA
Channel 3: TX main port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16