Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM7E1AR Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STM7E1AR
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1AR Fiches technique(HTML) 3 Page - STMicroelectronics

  STM7E1AR Datasheet HTML 1Page - STMicroelectronics STM7E1AR Datasheet HTML 2Page - STMicroelectronics STM7E1AR Datasheet HTML 3Page - STMicroelectronics STM7E1AR Datasheet HTML 4Page - STMicroelectronics STM7E1AR Datasheet HTML 5Page - STMicroelectronics STM7E1AR Datasheet HTML 6Page - STMicroelectronics STM7E1AR Datasheet HTML 7Page - STMicroelectronics STM7E1AR Datasheet HTML 8Page - STMicroelectronics STM7E1AR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STM7E1
Application circuit
3/16
1
Application circuit
Figure 1.
Typical operating circuit
Rx#0
Rx#1
Rx#6
Control Decoding
Level Shifting & Buffering
CHANNEL 0
a
b
b
a
cd
CHANNEL 1
CHANNEL 6
Tx#0
Tx#1
Tx#6
VNEG
GND
VPOS
Rxs#6
Rxm#6
Txs#6
Txm#6
Rxs#1
Rxm#1
Txs#1
Txm#1
Rxs#0
Rxm#0
Txs#0
Txm#0
Lm
Ls
Sc
MODE
TEST/Sn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16