Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-ADE7569F16EB Fiches technique(PDF) 134 Page - Analog Devices

No de pièce EVAL-ADE7569F16EB
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7569F16EB Fiches technique(HTML) 134 Page - Analog Devices

Back Button EVAL-ADE7569F16EB Datasheet HTML 128Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 129Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 130Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 131Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 132Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 133Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 134Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 135Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 136Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 134 of 136
DETERMINING THE VERSION OF THE ADE7566/ADE7569
Each ADE7566/ADE7569 holds in its internal flash registers a
value that defines its version. This value helps to determine if
users have the latest version of the part. The ADE7566/ADE756
version corresponding to this datasheet is
ADE7566/ADE7569V3.4.
To access this value, the following procedure should be followed:
1.
Launch HyperTerminal with a 9600 baud rate.
2.
Put the part in serial download mode.
3.
Hold the SDEN button.
4.
Press and release the RESET button.
5.
The following string should appear on the HyperTerminal
screen: ADE7566/ADE7569V3.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More