| Moteur de recherche de fiches techniques de composants électroniques |
|
ST75C540 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C540 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 84 page ![]() TDZ Tone Detector Clear Cell TDZ Opcode: 1E 0 0 0 11110 Synopsis TDZ Clears all internal variables of one Tone detector cell including Filter local variables and energy estimator. This command must be sent after changing coefficients of a cell to avoid instability. Parameters Field Byte Pos. Value Definition TD_CELL 1 4..0 0..13 Tone detector cell number TGEN Enable/Disable Tone Generators TGEN Opcode: 0D 000 01101 Synopsis Enable or disable one of the four tone generator, define the output of the tone generator either Line or Audio. Parameters Field Byte Pos. Value Definition TONE_0_ENA 1 0 0* 1 Generator #0 disabled Generator #0 enabled TONE_1_ENA 1 1 0* 1 Generator #1 disabled Generator #1 enabled TONE_2_ENA 1 2 0* 1 Generator #2 disabled Generator #2 enabled TONE_3_ENA 1 3 0* 1 Generator #3 disabled Generator #3 enabled TONE_0_OUT 1 4 0* 1 Generator #0 output to line Generator #0 output to audio TONE_1_OUT 1 5 0* 1 Generator #1 output to line Generator #1 output to audio TONE_2_OUT 1 6 0* 1 Generator #2 output to line Generator #2 output to audio TONE_3_OUT 1 7 0* 1 Generator #3 output to line Generator #3 output to audio VII - COMMAND SET DESCRIPTION (continued) ST75C530 - ST75C540 41/84 |