| Moteur de recherche de fiches techniques de composants électroniques |
|
ST75C540 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C540 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 84 page ![]() XII - RECEIVING IN PARALLEL MODE (continued) XII.6.3 - Single Short frame RECEIVED DATA BUFF_ERRS BUFF_SFRM BUFF_EFRM BUFF_LENG (BUFF_DATA) $7E D0 CRC D1 D2 D3 06 2 8 $7E CRC CRC CRC $7E $7E $7E D0 D1 D2 00 Figure 41 XII.6.4 - Long Frame RECEIVED DATA BUFF_ERRS BUFF_SFRM BUFF_EFRM BUFF_LENG (BUFF_DATA) $7E 08 5 CRC $7E D0 D1 D2 D3 0 8 D0 D1 D2 D3 8 (1) Figure 42 Note : 1. If error occurs during the reception, it is signaled in this last buffer. XII.6.5 - Aborted Frame RECEIVED DATA BUFF_ERRS BUFF_SFRM BUFF_EFRM BUFF_LENG (BUFF_DATA ) $7E D0 D1 D2 D3 $7E D5 0 ABORT D4 D0 D1 D3 8 8x 8 x 11 Figure 43 ST75C530 - ST75C540 73/84 |