| Moteur de recherche de fiches techniques de composants électroniques |
|
ST75C540 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C540 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 84 page ![]() IDT Identify IDT Opcode: 14 000 10100 Synopsis IDT ReturntheST75C530/540HardwareandSoftwarereleasenumber.SeeparagraphVIII.1.4. Parameter Non parametric command. INIT Initialization INIT Opcode: 06 000 00110 Synopsis INIT forces the ST75C530/540 to reset all parameters to their default conditions and restart operations. Parameter Non parametric command. Note : This command makes a software reset of the ST75C530/540 and so cannot have the regular handshake protocol. It does not increment the COMACK, neither generate an Interrupt. JSR Call a Low Level Subroutine JSR Opcode: 18 000 11000 Synopsis JSR allows to execute a part of the ST75C530/540 firmware with a specific argument. Parameters Field Byte Pos. Value Definition C_ADDR_L 1 7..0 Low byte of the call address C_ADDR_H 2 7..0 High byte of the call address C_DATA_L 3 7..0 Low byte of the argument C_DATA_H 4 7..0 High byte of the argument This instruction can be used with SGS-THOMSON Microelectronics Application Laboratory Support for special applications development or debugging needs. Contact your local representative. VII - COMMAND SET DESCRIPTION (continued) ST75C530 - ST75C540 34/84 |