| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72622L2 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 132 page ![]() ST7262 35/132 I/O PORTS (Cont’d) 9.2.7 Port C Table 11. Port C Description Figure 28. Port C[1:0] Configuration PORT C I/O Alternate Function Input* Output Signal Condition PC0 floating true open drain PC1 floating true open drain PC2 with pull-up push-pull IT9 Schmitt triggered input IT9E = 1 (ITRFRE2) PC3 with pull-up push-pull SCK SPI enabled IT10 Schmitt triggered input IT10E = 1 (ITRFRE2) PC4 with pull-up push-pull SS SPI enabled IT11 Schmitt triggered input IT11E = 1 (ITRFRE2) PC5 with pull-up push-pull MISO SPI enabled IT12 Schmitt triggered input IT12E = 1 (ITRFRE2) PC6 with pull-up push-pull MOSI SPI enabled PC7 with pull-up push-pull *Reset State DR DDR LATCH LATCH DR SEL DDR SEL PAD ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE OUTPUT N-BUFFER 1 0 1 0 CMOS SCHMITT TRIGGER VSS DIODES |