| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72622L2 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 132 page ![]() ST7262 23/132 7 INTERRUPTS 7.1 INTRODUCTION The CPU enhanced interrupt management pro- vides the following features: s Hardware interrupts s Software interrupt (TRAP) s Nested or concurrent interrupt management with flexible interrupt priority and level management: – Up to 4 software programmable nesting levels – Up to 16 interrupt vectors fixed by hardware – 3 non maskable events: RESET, TRAP, TLI This interrupt management is based on: – Bit 5 and bit 3 of the CPU CC register (I1:0), – Interrupt software priority registers (ISPRx), – Fixed interrupt vector addresses located at the high addresses of the memory map (FFE0h to FFFFh) sorted by hardware priority order. This enhanced interrupt controller guarantees full upward compatibility with the standard (not nest- ed) CPU interrupt controller. 7.2 MASKING AND PROCESSING FLOW The interrupt masking is managed by the I1 and I0 bits of the CC register and the ISPRx registers which give the interrupt software priority level of each interrupt vector (see Table 5). The process- ing flow is shown in Figure 20. When an interrupt request has to be serviced: – Normal processing is suspended at the end of the current instruction execution. – The PC, X, A and CC registers are saved onto the stack. – I1 and I0 bits of CC register are set according to the corresponding values in the ISPRx registers of the serviced interrupt vector. – The PC is then loaded with the interrupt vector of the interrupt to service and the first instruction of the interrupt service routine is fetched (refer to “Interrupt Mapping” table for vector addresses). The interrupt service routine should end with the IRET instruction which causes the contents of the saved registers to be recovered from the stack. Note: As a consequence of the IRET instruction, the I1 and I0 bits will be restored from the stack and the program in the previous level will resume. Table 5. Interrupt Software Priority Levels Figure 20. Interrupt Processing Flowchart Interrupt software priority Level I1 I0 Level 0 (main) Low High 10 Level 1 0 1 Level 2 0 0 Level 3 (= interrupt disable) 1 1 “IRET” RESTORE PC, X, A, CC STACK PC, X, A, CC LOAD I1:0 FROM INTERRUPT SW REG. FETCH NEXT RESET TLI PENDING INSTRUCTION I1:0 FROM STACK LOAD PC FROM INTERRUPT VECTOR Y N Y N Y N Interrupt has the same or a lower software priority THE INTERRUPT STAYS PENDING than current one EXECUTE INSTRUCTION INTERRUPT |