| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72622L2 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 132 page ![]() ST7262 9/132 18 22 9 8 14 19 PB6/PWM0/IT7/ ICCDATA I/O CT HS x \ x Port B6 ART PWM output 0/ Interrupt 7 input/In- Circuit Communica- tion Data 19 23 10 9 15 20 PB5/ARTIC2/IT6/ ICCCLK I/O CT HS x / x Port B5 ART Input Capture 2/ Interrupt 6 input/ In-Circuit Communi- cation Clock 20 24 11 10 16 1 PB4/ARTIC1/IT5 I/O CT HS x / x Port B4 ART Input Capture 1/Interrupt 5 input 21 25 12 11 17 2 PB3/ARTCLK I/O CT HS x x Port B3 ART Clock input 22 26 13 12 18 3 PB2/TDO I/O CT HS x x Port B2 SCI Transmit Data Output 1) 23 27 14 13 19 4 PB1/RDI I/O CT HS x x Port B1 SCI Receive Data Input 1) 24 28 15 14 20 5 PB0/MCO I/O CT HS x x Port B0 CPU clock output 25 29 16 15 - - PA7/AIN7 I/O CT xx x Port A7 ADC Analog Input 7 26 30 17 16 - - PA6/AIN6 I/O CT xx x Port A6 ADC Analog Input 6 27 31 18 17 - - PA5/AIN5 I/O CT xx x Port A5 ADC Analog Input 5 28 32 19 18 - - PA4/AIN4 I/O CT xx x Port A4 ADC Analog Input 4 29 33 20 19 - - PA3/AIN3/IT4 I/O CT x\ x x Port A3 ADC Analog Input 3/ Interrupt 4 input 30 34 21 20 1 6 PA2/AIN2/IT3 I/O CT x\ x x Port A2 ADC Analog Input 2/ Interrupt 3 input 31 35 22 21 2 7 PA1/AIN1/IT2 I/O CT x\ x x Port A1 ADC Analog Input 1/ Interrupt 2 input 32 36 23 22 3 8 PA0/AIN0/IT1/ USBOE I/O CT x\ x x Port A0 ADC Analog Input 0/ Interrupt 1 input/ USB Output Enable 33 37 30 29 10 15 RESET I/O C Top priority non maskable inter- rupt (active low) 34 38 24 23 - - VSSA S Analog Ground Voltage, must be connected externally to VSS. 35 39 25 24 5 10 USBDM I/O USB bidirectional data (data -) 36 40 26 25 6 11 USBDP I/O USB bidirectional data (data +) 37 41 27 26 7 12 USBVCC S USB power supply 3.3V output 38 42 28 27 - - VDDA S Analog Power Supply Voltage, must be connected externally to VDD. 39 - - - - - Reserved Must be left unconnected. 40 1 - - - - PD6 I/O CT xx Port D6 41 2 - - - - PD5 I/O CT xx Port D5 42 3 - - - - PD4 I/O CT xx Port D4 Pin n° Pin Name Level Port / Control Main Function (after reset) Alternate Function Input Output |