Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD401A2 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 37Page - STMicroelectronics PSD401A2 Datasheet HTML 38Page - STMicroelectronics PSD401A2 Datasheet HTML 39Page - STMicroelectronics PSD401A2 Datasheet HTML 40Page - STMicroelectronics PSD401A2 Datasheet HTML 41Page - STMicroelectronics PSD401A2 Datasheet HTML 42Page - STMicroelectronics PSD401A2 Datasheet HTML 43Page - STMicroelectronics PSD401A2 Datasheet HTML 44Page - STMicroelectronics PSD401A2 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 123 page
background image
PSD4XX Family
38
PSD4XX Family
Pin
Pin
Pin
Pin
Pin
Pin Name
Function
Function
Function
Function
Function
12
3
4
5
RD
RD
E
DS
LDS
WR
WR
R/W
WRL
PE0
BHE
PSEN
WRH
UDS
SIZ0
PE1
ALE
AD0
A0
BLE
Table 6. Alternate Pin Functions
9.2.2 PSD4XX Interface To a Multiplexed Bus
Figure 20 shows a typical connection to a microcontroller with a multiplexed bus. The
ADIO port of the PSD4XX is connected directly to the microcontroller address/data bus
(AD0-AD15 for 16 bit bus). The ALE input signal latches the address lines internally. In a
read bus cycle, data is driven out through the ADIO Port transceivers after the specified
access time. The internal ADIO Port connection for a 16 bit multiplexed bus is shown in
Figure 21. The ADIO Port is in tri-state mode if none of the PSD4XX internal devices are
selected.
9.2.3 PSD4XX Interface To Non-Multiplexed Bus
Figure 22 shows a PSD4XX interfacing to a microcontroller with a non-multiplexed
address/data bus. The address bus is connected to the ADIO Port, and the data bus is
connected to Port C and/or Port D, depending on the bus width. There is no need for the
ADIO Port to latch the address internally, but the user is offered the option to do so in the
PSD4XX PSDsoft Software. The data Ports are in tri-state mode when the PSD4XX is not
accessed by the microcontroller.
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More