| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD401A2 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD401A2 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 123 page ![]() PSD4XX Family 30 The PSD4XX Architecture (cont.) 9.1.2.4 Port B Macrocell Structure Figure 16 shows the PB Macrocell block, which consists of 8 identical macrocells. Each macrocell output can be connected to its own I/O pin on Port B. The two inputs, CLKIN and MACRO-RST, are used as clock and clear inputs to all the macrocells. The CLKIN comes directly from the CLKIN input pin. The MACRO-RST is the same as the Reset input pin except it is user configurable. The circuit of a PB Macrocell is shown in Figure 17. There are 10 product terms from the GPLD’s AND ARRAY as inputs to the macrocell. Users can select the polarity of the output, and configure the macrocell to operate as: t Registered Output Select output from D flip flop. t Combinatorial Output Select output from OR gate. t GPLD Input Use Port B pin as dedicated input. t GPLD Output Use Port B pin as dedicated output. t GPLD I/O Use Port B pin as bidirectional pin. t Macrocell Feedback Register feedback for state machine implementations or expander feedback from the combinatorial output, to possibly expand the number of product terms available to another macrocell. In case of "Buried Feedback", where the output of the macrocell is not connected to a Port B pin, Port B can be configured to perform other user defined I/O functions. Each D flip flop in the macrocells has its own dedicated asynchronous clear, preset and clock input. The signals are defined as follow: t PRESET Active only if defined by a product term (PBx.PR) t CLEAR Two selectable inputs: Reset input or user defined product term (PBx .RE) t CLK Two selectable inputs – CLKIN input or user defined product term (PBx.CLK). The macrocell is operated in Synchronous Mode if the clock input is CLKIN, and is in Asynchronous Mode if the clock is a product-term clock defined by the user. |